Part Number Hot Search : 
C350KT62 BTA208 1N4933G B100B DLSS12 SK103 NCP3121 4850A
Product Description
Full Text Search
 

To Download C8366 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l wide band dc to 100 mhz typ. (at -3 db; varied by the photodiode used) l easy photodiode connection just inserting the photodiode lead pins makes the connec- tion. (compatible with to-8, to-5 and to-18 packages) l adjustable response speed response speed can be adjusted by a trimmer potentiometer easily l compact size applications l high-speed photometry l laser monitors l optical power meters module photosensor amplifier current-to-voltage conversion amplifier for high-speed si pin photodiode C8366 absolute maximum ratings parameter symbol value unit supply voltage v s 18 v operating temperature topr 0 to +50 c storage temperature tstg 0 to +70 c electrical and optical characteristics (ta=25 c, v s = 15 v) parameter symbol condition min. typ. max. unit conversion impedance rf - 1 10 3 -v/a frequency bandwidth fc limited to that of C8366 dc 1 10 8 - hz maximum output amplitude v fs r l =1 k ? +3 - - v output offset voltage vos without photodiode - 1 - mv equivalent noise input current in without photodiode, f=100 mhz - 5 10 -11 -a/hz 1/2 output resistance ro - 50 - ? photodiode reverse bias voltage output v r --12- v current consumption is without photodiode - - 30 ma connectable hamamatsu si pin photodiodes to-8 type: s3071 to-5 type: s3399, s3883 * to-18 type: s5821 series, s5971, s5972 *, s5973 series * * frequency bandwidth is limited to that of C8366 when used with C8366. 1
photosensor amplifier C8366 hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv?gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8 -509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?2006 hamamatsu photonics k.k. cat. no. kacc1067e02 apr. 2006 dn 50 mv/div, 10 ns/div.  3 4 #  
 &5 %@!(# # $*    5  .
 . .#   %&5 %@!(# # $*  dimensional outline (unit: mm) [light source: directly modulated laser diode (with dc bias applied)] 110 1000 frequency (mhz) output voltage (10 db/div.) 100 ref: -30 dbm att: 10 db tg level: -10.0 dbm rbw: 100 khz vbw: 100 khz 0 ? 20 1 14 0.5 52 1 bnc-r input response adj. output p. s. 15 v 46 1 4mm 0 ? photodiode holder (available for to-5, to-8 and to-18) photodiode connection socket mounting screw hole m4, depth 7 max. 4-pin round connector for power input  accessories power plug: hr10-7p-4s [hirose, with 500 mm long lead wires (awg24)] photodiode holder: one each for to-5, to-8 and to-18 kacca0104ea kaccb0055ea kaccb0056ea 2


▲Up To Search▲   

 
Price & Availability of C8366

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X